PART |
Description |
Maker |
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
ST733C..LSERIES ST733C08LFM0 ST733C08LFL0 ST733C04 |
800V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package 400V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package INVERTER GRADE THYRISTORS Automotive Fuse; Current Rating:3A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Voltage Rating:32V; Fuse Size/Group:15.41 x 10.92 x 3.81mm RoHS Compliant: Yes Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes
|
International Rectifier
|
2030.0014 2030.0026 |
Subminiature PCB Fuse; Solderable or plugable into fuse holder; copper Tin plated terminals; Voltage Rating: 125V; Current Rating: 0.315A; Characteristic: Time Lag VERY FAST BLOW ELECTRIC FUSE, 0.315A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Subminiature PCB Fuse; Solderable or plugable into fuse holder; copper Tin plated terminals; Voltage Rating: 125V; Current Rating: 3.15A; Characteristic: Time Lag VERY FAST BLOW ELECTRIC FUSE, 3.15A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
SCHURTER AG
|
RSO-0505D_H3 RSO-0512_H3 RSO-483.3D_H3 RSO-0505_H2 |
CONN, HEADER, 4PIN, SGL ROW, 0.138"LS, RTANGL, PCB MNT 1瓦特SIP8隔离 1 Watt SIP8 Isolated Single & Dual Output 1瓦特SIP8隔离 M26500 CON SKT 16 GOLD PLATED 1瓦特SIP8隔离 Cartridge Fuse; Current Rating:800A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Terminals:Blade; Interrupting Current Max:300000Arms; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:600V RoHS Compliant: Yes PT 2C 2#16 PIN PLUG 1 Watt SIP8 Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
Z86C32-12VEC |
Fuse Holder; Fuse Size/Group:1/4 "; Mounting Type:PC Board; Body Material:Spring Brass; Contact Plating:Tin; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating, AC:250V
|
保险丝支架,夹子&硬件
|
MS20 |
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
|
AVX Corporation
|